Part Number Hot Search : 
108M004 MBD444 SN74LS16 CONTRO D1212 MS6303 CE110 3216X7R
Product Description
Full Text Search
 

To Download SSF67A25B175PM12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .cynergy3.com ? 2012 cynergy3 components, all rights reserved. specifications are subject to change without prior notice. cynergy3 components and the cynergy3 components logo are trademarks of cynergy3 components limited. i s o 9 0 0 1 c e r t i f i e d ssf67pm12 series dual switch point stainless with m12 connection cynergy3 components ltd. 7 cobham road ferndown industrial estate wimborne, dorset bh21 7pe t elephone +44 (0) 1202 897969 email:sales@cynergy3.com the ssf67 has been designed to give the user a long reach float switch with a number of switching options, to cater for a wide variety of system requirements. manufactured in stainless steel 316l material, these switches are suitable for use in many aggressive liquids or hygienic applications. these are now available with industry standard m12 round 4 pin connectors.the single float version gives high (make on rise) and low (make on fall) level indications for alarms and controls systems. the dual float versions give either make on rise for both high and low levels (used for tank emptying control) or make on fall for both high and low levels (used for tank filling control). the switches are screw mounted vertically via m16x2 thread, so require access to the inside of the tank. mechanical dimensions custom versions can be made for particular applications. please contact cynergy3 with your requirements. stainless steel 316l material single or dual switching levels t echnical specification mounting style internal connection m12 4pin mounting thread m16 maximum t emperature 135 o c float & stem material 316 grade ss sealing gasket nitrile maximum pressure 10 bar (up to 500mm length) t ightening torque for fixing nut 2.0kg/cm float sg 0.7 minimum fluid sg 0.8 electrical specificationcontact form n/o (n/c) switching power max v a 25 switching v oltage ac max v 250 switching v oltage dc max v 120 switching current max a 0.6 all ratings are for resistive load only . standard parts upper level lower level t otal length application ssf67a25b75pm12 25mm 75mm 102mm max & min ssf67a25b100pm12 25mm 100mm 127mm max & min ssf67a25b125pm12 25mm 125mm 152mm max & min ssf67a25b150pm12 25mm 150mm 177mm max & min SSF67A25B175PM12 25mm 175mm 202mm max & min ssf67a25b200pm12 25mm 200mm 227mm max & min ssf67a25b250pm12 25mm 250mm 277mm max & min ssf67a25b300pm12 25mm 300mm 327mm max & min ssf67a50a100 pm12 50mm 100mm 127mm empty control ssf67a50a150 pm12 50mm 150mm 177mm empty control ssf67a50a200 pm12 50mm 200mm 227mm empty control ssf67a50a250 pm12 50mm 250mm 277mm empty control ssf67b50b100pm12 50mm 100mm 127mm fill control ssf67b50b150pm12 50mm 150mm 177mm fill control ssf67b50b200pm12 50mm 200mm 227mm fill control ssf67b50b250pm12 50mm 250mm 277mm fill control m12x1 8mm 29mm m16x2 hex nut 24mm af hex 24mm af m12 4 pin connection for quick connection to circuit process temperatures up to 135oc 1 2 3 4 pins 1 & 2 lowe r switch pins 3 & 4 upper switch free datasheet http://www.datasheetlist.com/


▲Up To Search▲   

 
Price & Availability of SSF67A25B175PM12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X